Part Number Hot Search : 
W1T1G NTM2369 ST10F272 HSMS282C STP36N06 TC123 2C100 STK14CA8
Product Description
Full Text Search
 

To Download 1N5254B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5221B~1N5267B
Zener diode
Features
1.High reliability 2.Very sharp reverse characteristic 3.Low reverse current level 4.Vz-tolerance*5%
Voltage Range 2.4 to 75 Volts
DO-35
1.02(26.0) MIN .079(2.0) MAX .165(4.2) MAX
Applications
Voltage stabilization
1.02(26.0) MIN
Absoluto Maximum Ratings 0
Tj=25 C Parameter Power dissipation Z-current Junction temperature Storage temperature range Test Conditions Tamb*750C Type
.020(.52) TYP Dimensions in inches and (millimeters)
Symbol PD lz Tj Tstg
Value 500 PD/Vz 200 -65~+200
Unit mW mA
0C 0C
Maximum Thermal Resistance
Tj=250C Parameter Junction ambient Test Condltions I=9.5mm(3/8") TL=constant Symbol RthJA Value 300 Unit K/W
Electrcal Characteristics
Tj=250C Parameter Forward voltage Test Conditions lF=200mA Type Symbol VF Min Typ Max 1.1 Unit V
Type 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B
Vznom V 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
lzt for Vzt and Rzt mA * 20 <30 20 <30 20 <30 20 <30 20 <29 20 <28 20 <24 20 <23 20 <22 20 <19 20 <17 20 <11 20 <7 20 <7 20 <5 20 <6 20 <8 20 <8 20 <10 20 <17 20 <22 20 <30 9.5 <13 9.0 <15 8.5 <16 7.8 <17 7.4 <19 7.0 <21 6.6 <23 6.2 <25 5.6 <39 5.2 <33 5.0 <35 4.6 <41 4.5 <44 4.2 <49 3.8 <58 3.4 <70 3.2 <80 3.0 <93 2.7 <105 2.5 <125 2.2 <150 2.1 <170 2.0 <185 1.8 <230 1.7 <270
Rzk * <1200 <1250 <1300 <1400 <1600 <1600 <1700 <1900 <2000 <1900 <1600 at
lzk mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
lR at VR uA <100 <100 <75 <75 <50 <25 <15 <10 <5 <5 <5 <5 <5 <5 <3<3 <3 <3 <3 <3 <2 <1 <0.5 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 <0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 58
TKvz %/K <-0.085 <-0.085 <-0.080 <-0.080 <-0.075 <-0.070 <-0.065 <-0.060 <+0.055 <+0.030 <+0.030 <+0.038 <+0.038 <+0.045 <+0.050 <+0.058 <+0.062 <+0.065 <+0.068 <+0.075 <+0.076 <+0.077 <+0.079 <+0.082 <+0.082 <+0.083 <+0.084 <+0.085 <+0.086 <+0.086 <+0.087 <+0.088 <+0.089 <+0.090 <+0.091 <+0.091 <+0.092 <+0.093 <+0.094 <+0.095 <+0.095 <+0.096 <+0.096 <+0.097 <+0.097 <+0.097 <+0.098
1)Based on DC-measurement at thermal equilibrium while maintaining the lead temperature (TL)at 300C, 9.5mm(3/8") from the diode body.


▲Up To Search▲   

 
Price & Availability of 1N5254B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X